PART |
Description |
Maker |
UPD70F3134AF1-EN4 UPD70F3134AYF1-EN4 UPD70F3134AF1 |
32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PBGA161 13 X 13 MM, PLASTIC, FBGA-161 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PBGA161 20 X 20 MM, LEAD FREE, PLASTIC, LQFP-144 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP144 32-BIT, MROM, 80 MHz, RISC MICROCONTROLLER, PBGA161
|
NEC, Corp.
|
PIC16F16-E/P PIC16F16-E/PQTP PIC16F16-E/PSQTP PIC1 |
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO18 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO20
|
Microchip Technology
|
PIC12F617T-H_SN PIC12F609-I_MD PIC12F609-I_P PIC12 |
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO8 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP8
|
Microchip Technology
|
ATMEGA32L-8MI ATMEGA32L-8MC ATMEGA32L-8AC ATMEGA32 |
8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash Electrical Outlet Connector; Voltage Rating:125V; Mounting Type:Cable Mount; Contact Plating:Nickel; Current Rating:15A RoHS Compliant: Yes 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 Field Attachable Connector; Number of Contacts:3; Gender:Male
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
ATTINY15L-1PL ATTINY15L-1SL ATTINY15L-1SU ATTINY15 |
8-bit Microcontroller with 1K Byte Flash 8-BIT, FLASH, 1.6 MHz, RISC MICROCONTROLLER, PDSO8 0.200 INCH, PLASTIC, EIAJ, SOIC-8 8-BIT, FLASH, 1.6 MHz, RISC MICROCONTROLLER, PDIP8 0.300 INCH, PLASTIC, DIP-8
|
ATMEL Corporation Atmel, Corp.
|
ATMEGA329PA-MU ATMEGA169PA-MCHR ATMEGA169PA-AUR AT |
8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC64 9 X 9 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220VMMD, MLF-64 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQCC64 7 X 7 MM, 1 MM HEIGHT, GREEN, QFN-64 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQFP64 14 X 14 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026AEB, TQFP-64
|
Atmel, Corp.
|
ATTINY261-ESMAZ ATTINY261-ESSZ |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC20 4 X 4 MM, 0.50 MM PITCH, GREEN, MO-220WGGD-2, QFN-32 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PDSO20 0.300 INCH, GREEN, PLASTIC, SOIC-20
|
Atmel, Corp.
|
ATTINY24A-MFR ATMEGA8-16ANR ATMEGA8-16AU ATMEGA8-1 |
8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC20 8-bit Atmel with 8KBytes In-System PRogrammable Flash High-performance, Low-power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
|
ATMEL CORP ATMEL Corporation
|
ATTINY12L-4SC ATTINY11-6PC ATTINY11-6PI ATTINY11-6 |
Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:20-3 RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; Number of Contacts:3; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight ER 4C 4#12 PIN RECP 8-bit AVR Microcontroller with 1K Byte Flash 8-BIT, FLASH, 2 MHz, RISC MICROCONTROLLER, PDIP8 8-bit AVR Microcontroller with 1K Byte Flash 8-BIT, FLASH, 2 MHz, RISC MICROCONTROLLER, PDSO8 ER 4C 2#16 2#8 SKT RECP BOX 8位AVR微控制器,带K字节闪存 ER 4C 2#16 2#8 SKT RECP BOX 8-BIT, FLASH, 6 MHz, RISC MICROCONTROLLER, PDIP8
|
Atmel Corp. Atmel, Corp.
|
PIC16F1824T-I_ML PIC16LF1824T-I_ML PIC16F1824T-E_M |
14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology 8-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PDSO20 4.40 MM, LEAD FREE, PLASTIC, TSSOP-20 8-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PDSO20 7.50 MM, LEAD FREE, PLASTIC, SOIC-20
|
Microchip Technology Alliance Semiconductor, Corp. Maxim Integrated Products, Inc.
|
S9S12XEP100F1MAG S9S12XEP100F1VAA S9S12XEP100F1CAA |
32-BIT, FLASH, 50 MHz, RISC MICROCONTROLLER, QFP144 32-BIT, FLASH, 50 MHz, RISC MICROCONTROLLER, PQFP80
|
FREESCALE SEMICONDUCTOR INC
|
|